PART |
Description |
Maker |
IRF1407L IRF1407S IRF1407STRR |
75V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss = 75V, Rds(on) = 0.0078з, Id = 100A?) Power MOSFET(Vdss = 75V, Rds(on) = 0.0078, Id = 100A) Power MOSFET(Vdss = 75V/ Rds(on) = 0.0078/ Id = 100A) TRANSISTOR | MOSFET | N-CHANNEL | 75V V(BR)DSS | 100A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 75V的五(巴西)直| 100号A(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
SI4435DY SI4435DYTR |
-30V Single P-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=-30V Rds(on)=0.020ohm Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm Power MOSFET(Vdss=-30V/ Rds(on)=0.020ohm SHROUD, PRIVACY; RoHS Compliant: Yes
|
IRF[International Rectifier]
|
IRC830 |
Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=4.5A) Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=4.5A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A) 500V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
IRF[International Rectifier]
|
IRFP054N |
Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A? 55V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A) Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A?) IC/71054 24P P DIP INTERFACE 功率MOSFET(减振钢板基本\u003d 55V的,的Rds(on)\u003d 0.012ohm,身份证\u003d 81A条?
|
IRF[International Rectifier] Power MOSFET International Rectifier, Corp.
|
IRF840S IRF840STRR IRF840STRL |
500V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=500V Rds(on)=0.85ohm Id=8.0A) Power MOSFET(Vdss=500V/ Rds(on)=0.85ohm/ Id=8.0A) Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A) 功率MOSFET(减振钢板基本\u003d 500V及的Rds(on)\u003d 0.85ohm,身份证\u003d 8.0A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRC840 |
Power MOSFET(Vdss=500V/ Rds(on)=0.85ohm/ Id=8.0A) Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A) Hexfet? Power MOSFET Power MOSFET(Vdss=500V Rds(on)=0.85ohm Id=8.0A) 500V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
IRF[International Rectifier]
|
IRFR4104PBF IRFU4104PBF IRFR4104TRL IRFR4104TRR |
HEXFET? Power MOSFET ( VDSS = 40V , RDS(on) = 5.5mΩ , ID = 42A ) HEXFET㈢ Power MOSFET ( VDSS = 40V , RDS(on) = 5.5mヘ , ID = 42A ) 42 A, 40 V, 0.0055 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
International Rectifier
|
IRC503 IRC530 |
100V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Power MOSFET(Vdss=100V/ Rds(on)=0.16ohm/ Id=14A) Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A) Power MOSFET(Vdss=100V Rds(on)=0.16ohm Id=14A) Hexfet? Power MOSFET
|
IRF[International Rectifier]
|
IRF520N |
Power MOSFET(Vdss = 100 V, Rds(on) = 0.20 Ohm, Id= 9.7A) 功率MOSFET(减振钢板基本\u003d 100伏,的Rds(on)\u003d 0.20欧姆,身份证\u003d 9.7A Power MOSFET(Vdss = 100 V/ Rds(on) = 0.20 Ohm/ Id= 9.7A) Power MOSFET(Vdss = 100 V, Rds(on) = 0.20 Ohm, Id= 9.7A)
|
International Rectifier, Corp.
|
IRFD9120 |
-100V Single P-Channel HEXFET Power MOSFET in a HEXDIP package Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-1.0A) Power MOSFET(Vdss=-100V Rds(on)=0.60ohm Id=-1.0A) HEXFET? Power MOSFET Power MOSFET(Vdss=-100V/ Rds(on)=0.60ohm/ Id=-1.0A)
|
IRF[International Rectifier]
|
IRF2807 IRF2807PBF |
75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=75V, Id=82A? Power MOSFET(Vdss=75V/ Id=82A)
|
International Rectifier
|